|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZGL41-100 THRU ZGL41-200A SURFACE MOUNT GLASS PASSIVATED ZENER Zener Voltage - 100 to 200 Volts DO-213AB Steady State Power - 1.0 Watt FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-0 For surface mount applications Glass passivated junction Low Zener impedance Low regulation factor High temperature soldering guaranteed: 250C/10 seconds at terminals SOLDERABLE ENDS 1st BAND D2 D1= 0.105 0.095 (2.67) (2.41) 0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185(4.7) 1st band denotes type and positive end (cathode) 0 D2 = D1 + 0.008 (0.20) - MECHANICAL DATA Case: JEDEC DO-213AB molded plastic body over passivated junction Terminals: Solder plated solderable per MIL-STD-750, Method 2026 Polarity: Red band denotes Zener diode and positive end (cathode) Mounting Position: Any Weight: 0.0046 ounce, 0.116 grams Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55C to +150C NOMINAL ZENER VOLTAGE at IZT TYPE (NOTE 1) MAXIMUM ZENER DYNAMIC IMPEDANCE TEST CURRENT (IZT) (mA) (VZ) (Volts) ZZT at IZT (Ohms) ZZK at (Ohms) IZK (mA) MAXIMUM DC REVERSE LEAKAGE CURRENT at VR (IR) (VR) (A) (Volts) MAXIMUM MAXIMUM SURGE INSTANTANEOUS CURRENT FORWARD VOLTAGE at 200mA (NOTE 2) (IRM) (VF) (mAdc) (VOLTS) ZGL41-100 ZGL41-110 ZGL41-120 ZGL41-130 ZGL41-140 ZGL41-150 ZGL41-160 ZGL41-170 ZGL41-180 ZGL41-190 ZGL41-200 100 110 120 130 140 150 160 170 180 190 200 3.7 3.4 3.1 2.9 2.7 2.5 2.3 2.2 2.1 2.0 1.9 250 300 380 450 525 600 700 800 900 1050 1200 3100 4000 4500 5000 5500 6000 6500 6750 7000 7500 8000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 76.0 83.6 91.2 98.8 106.4 114.0 121.6 129.2 136.9 144.4 152.0 10.0 9.1 8.3 7.7 7.1 6.7 6.3 5.9 5.6 5.3 5.0 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 NOTES: (1) Standard voltage tolerance is 10%, Suffix A = 5% (2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method (3) Maximum steady state power dissipation is 1.0 watt at TT=75C 8/26/98 RATINGS AND CHARACTERISTIC CURVES ZGL41-100 THRU ZGL41-200A FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION PM(AV), AVERAGE POWER DISSIPATION, WATTS 60 HZ RESISTIVE OR INDUCTIVE LOAD FIG. 2 - TYPICAL ZENER IMPEDANCE ZZ, DYNAMIC ZENER IMPEDANCE, OHMS 1.0 10,000 TJ=25C IZ ma +/- 0.1 IZ(dc) 0.75 1,000 VZ=200V VZ=180V VZ=150V 0.5 100 VZ=100V 0.25 P.C.B. MOUNTED ON 0.31 X 0.31 0.08" (8 x 8 x 2mm) COPPER AREAS PADS 0 25 10 0.5 10 100 500 50 75 100 125 150 175 IZT, ZENER TEST CURRENT, mA TERMINALS TEMPERATURE, C FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 10 INSTANTANEOUS FORWARD CURRENT, AMPERES 1 TJ=100C 1 TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE 0.1 0.1 TJ=25C 0.01 0 20 40 60 80 100 PERCENT OF RATED ZENER VOLTAGE, % 0.01 0.4 0.6 0.8 1 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL ZENER VOLTAGE FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS OVZ, TEMPERATURE COEFFICIENT, mV/C IZT, TEST ZENER CURRENT, mA 10 220 200 180 160 140 120 100 80 100 110 120 130 140 150 160 170 180 190 200 VZ, ZENER VOLTAGE, VOLTS TESTED at RATED IZT 1 0.1 100 150 200 250 VZ, ZENER VOLTAGE, VOLTS 8/26/98 |
Price & Availability of ZGL41-200 |